Part Number Hot Search : 
15N12 15KE110A 82S147AN R3AS10M SM1400AP TC7S08F 15KE110A 10030
Product Description
Full Text Search
 

To Download FDMF6704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
September 2008
FDMF6704 - XSTM DrMOS
Benefits
Ultra compact size - 6 mm x 6 mm MLP, 44 % space saving compared to conventional MLP 8 mm x 8 mm DrMOS packages. Fully optimized system efficiency. Clean voltage waveforms with reduced ringing. High frequency operation.
The Xtra Small High Performance, High Frequency DrMOS Module
General Description
tm
Compatible with a wide variety of PWM controllers in the market.
Features
Ultra- compact thermally enhanced 6 mm x 6 mm MLP package 84 % smaller than conventional discrete solutions. Synchronous driver plus FET multichip module. High current handling of 35 A. Over 93 % peak efficiency. Tri-State PWM input. Fairchild's PowerTrench(R) 5 technology MOSFETs for clean voltage waveforms and reduced ringing. Optimized for high switching frequencies of up to 1 MHz. Skip mode SMOD [low side gate turn off] input. Fairchild SyncFETTM [integrated Schottky diode] technology in the low side MOSFET. Integrated bootstrap Schottky diode. Adaptive gate drive timing for shoot-through protection. Driver output disable function [DISB# pin]. Undervoltage lockout (UVLO). Fairchild Green Packaging and RoHS compliant. Low profile SMD package.
The XSTM DrMOS family is Fairchild's next-generation fullyoptimized ultra-compact integrated MOSFET plus driver power stage solution for high current, high frequency synchronous buck DC-DC applications. The FDMF6704 DrMOS integrates a driver IC, two power MOSFETs and a bootstrap Schottky diode into a thermally enhanced compact 6 mm x 6 mm MLP package. With an integrated approach, the complete switching power stage is optimized with regards to driver and MOSFET dynamic performance, system inductance and RDS(ON). This greatly reduces the package parasitics and layout challenges associated with conventional discrete solutions. The driver IC incorporates advanced features such as SMOD. PWM input is Tri-State compatible. A 5 V gate drive and an improved PCB interface [Low Side MOSFET exposed pad] ensure higher performance. This product is compatible with the new Intel 6 mm x 6 mm DrMOS specification.
Applications
Compact blade servers V-core, non V-core and VTT DC-DC converters. Desktop computers V-core, non V-core and VTT DC-DC converters. Workstations V-core, non V-core and VTT DC-DC converters. Gaming Motherboards V-core, non V-core and VTT DC-DC converters. Gaming consoles. High-current DC-DC Point of Load (POL) converters. Networking and telecom microprocessor voltage regulators.
Power Train Application Circuit
5V CVDRV VDRV VCIN DISB# PWM Input OFF ON DISB# PWM SMOD# CGND CVCIN 12 V CVIN VIN BOOT PHASE VSWH PGND COUT CBOOT OUTPUT
Figure 1. Power Train Application Circuit
Ordering Information
Part FDMF6704
(c)2008 Fairchild Semiconductor Corporation
Current Rating @ 350 kHz [A] 35
Input Voltage Typical [V] 8-14 1
Frequency Max [kHz] 1000
Device Marking FDMF6704
www.fairchildsemi.com
FDMF6704 Rev.D
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Functional Block Diagram
VCIN VDRV BOOT HDRV VIN
Q1
DISB# PWM
Overlap Control VSWH
SMOD#
VDRV
Q2
CGND LDRV
PGND
Figure 2. Functional Block Diagram
Pin Configuration
PWM DISB# NC CGND LDRV VSWH VSWH VSWH VSWH VSWH
40 (CGND) (VIN)
SMOD# VCIN VDRV BOOT CGND HDRV PHASE NC VIN VIN 1 10
11
(VSWH) 31 20
VIN VIN VIN VIN VSWH PGND PGND PGND PGND PGND
30
21
Figure 3. 6mm x 6mm, 40L MLP Bottom View
VSWH VSWH PGND PGND PGND PGND PGND PGND PGND PGND 2
FDMF6704 Rev. D
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Pin Description
Pin
1 2 3 4 5, 37 6 7 8, 38 9-14 15, 29-35 16-28 36 39 40
Name
SMOD# VCIN VDRV BOOT CGND HDRV PHASE NC VIN VSWH PGND LDRV DISB# PWM
Function
When SMOD# = HI, low side driver is inverse of PWM input. When SMOD# = Low, low side driver is disabled. IC bias supply. Minimum 1 F ceramic capacitor is recommended from this pin to CGND. Power for low side driver. Minimum 1 F ceramic capacitor is recommended to be connected as close as possible from this pin to CGND. Bootstrap supply input. Provides voltage supply to high-side MOSFET driver. Connect bootstrap capacitor from this pin to PHASE. IC ground. Ground return for driver IC. For manufacturing test only. This pin must be floated. Must not be connected to any pin. Switch node pin for easy bootstrap capacitor routing. Electrically shorted to VSWH pin. No connect. Power input. Output stage supply voltage. Switch node input. Provides return for high-side bootstrapped driver and acts as a sense point for the adaptive shoot-thru protection. Power ground. Output stage ground. Source pin of low side MOSFET(s). For manufacturing test only. This pin must be floated. Must not be connected to any pin. Output disable. When low, this pin disable FET switching (HDRV and LDRV are held low). PWM Signal Input. This pin accepts a Tri-state logic-level PWM signal from the controller.
Absolute Maximum Rating
Parameter
VCIN, VDRV, DISB#, PWM, SMOD#, LDRV to CGND VIN to PGND, CGND BOOT, HDRV to VSWH BOOT, VSWH, HDRV to GND BOOT to VDRV IO(AV) IO(peak) RJPCB Junction to PCB Thermal Resistance -55 Operating and Storage Junction Temperature Range VIN = 12 V, VO = 1.3 V fSW = 350 kHz fSW = 1 MHz
Min
Max
6 27 6 27 22 35 32 80 3.75 150
Units
V V V V V A A A C/W C
Recommended Operating Range
Parameter
VCIN VIN Control Circuit Supply Voltage Output Stage Supply Voltage
Min
4.5 8
*
Typ
5 12
Max
5.5 14
Units
V V
* May be operated at lower input voltage. See figure 8.
FDMF6704 Rev. D
3
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Electrical Characteristics
VIN = 12 V, TA = 25 C unless otherwise noted.
Parameter
Operating Quiescent Current VCIN UVLO UVLO Threshold UVLO COMP Hysteresis PWM Input Sink Impedance Source Impedance Tri-State Rising Threshold Hysteresis Tri-State Falling Threshold Hysteresis Tri-State Pin Open Tri-State Shut Off Time SMOD# and DISB# Input High Level Input Voltage Low Level Input Voltage Input Bias Current Propagation Delay Time High Side Driver Rise Time Fall Time Deadband Time Propagation Delay Low Side Driver Rise Time Fall Time Deadband Time Propagation Delay 250 ns Time Out Circuit 250 ns Time Delay
Symbol
IQ
Conditions
PWM = GND PWM = VCIN
Min
Typ
Max
2 2
Units
mA
3.0
3.2 0.2 10 10
3.4
V V k k
VCIN = 5 V VCIN = 5 V
3.2 1.2
3.4 100 1.4 100 2.5 100
3.6 1.6
V mV V mV V ns V
2 0.8 -2 PWM = GND, delay between SMOD# or DISB# from HI to LO to LDRV from HI to LO. 10 % to 90 % 90 % to 10 % tDTHH tPDHL LDRV going LO to HDRV going HI, 10 % to 10 % PMW going LO to HDRV going LO 10 % to 90 % 90 % to 10 % tDTLH tPDLL VSWH going LO to LDRV going HI, 10 % to 10 % PWM going HI to LDRV going LO Delay between HDRV from HI to LO and LDRV from LO to HI. 15 2
V A ns
25 20 25 10 25 20 20 10
ns ns ns ns ns ns ns ns
250
ns
FDMF6704 Rev. D
4
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Description of Operation
Circuit Description SMOD
The SMOD (Skip Mode) function allows for higher converter efficiency under light load conditions. During SMOD, the LS FET is disabled and it prevents discharging of output caps. When the SMOD# pin is pulled high, the sync buck converter will work in synchronous mode. When the SMOD# pin is pulled low, the LS FET is turned off. The SMOD function does not have internal current sensing. This SMOD# pin is connected to a PWM controller which enables or disables the SMOD automatically when the controller detects light load condition. Normally this pin is Active Low. The FDMF6704 is a driver plus FET module optimized for synchronous buck converter topology. A single PWM input signal is all that is required to properly drive the high-side and the low-side MOSFETs. Each part is capable of driving speeds up to 1 MHz.
PWM
When the PWM input goes high, the high side MOSFET turns on. When it goes low, the low side MOSFET turns on. When it is open, both the low side and high side MOFET will turn off. The DISB# input is combined with the PWM signal to control the driver output. In a typical multiphase design, DISB# will be a shared signal used to turn on all phases. The individual PWM signals from the controller will be used to dynamically enable or disable individual phases.
Adaptive Gate Drive Circuit
The driver IC embodies an advanced design that ensures minimum MOSFET dead-time while eliminating potential shoot-through (cross-conduction) currents. It senses the state of the MOSFETs and adjusts the gate drive, adaptively, to ensure they do not conduct simultaneously. Refer to Figure 4 for the relevant timing waveforms. To prevent overlap during the low-to-high switching transition (Q2 OFF to Q1 ON), the adaptive circuitry monitors the voltage at the LDRV pin. When the PWM signal goes HIGH, Q2 will begin to turn OFF after some propagation delay (tPDLL). Once the LDRV pin is discharged below 1 V, Q1 begins to turn ON after adaptive delay tDTHH. To preclude overlap during the high-to-low transition (Q1 OFF to Q2 ON), the adaptive circuitry monitors the voltage at the VSWH pin. When the PWM signal goes LOW, Q1 will begin to turn OFF after some propagation delay (tPDHL). Once the VSWH pin falls below 1 V, Q2 begins to turn ON after adaptive delay tDTLH. Additionally, VGS of Q1 is monitored. When VGS(Q1) is discharged low, a secondary adaptive delay is initiated, which results in Q2 being driven ON after 250 ns, regardless of VSWH state. This function is implemented to ensure CBOOT is recharged each switching cycle, particularly for cases where the power convertor is sinking current and VSWH voltage does not fall below the 1 V adaptive threshold. The 250 ns secondary delay is longer than tDTLH.
Low-Side Driver
The low-side driver (LDRV) is designed to drive a ground referenced low RDS(ON) N-channel MOSFET. The bias for LDRV is internally connected between VDRV and CGND. When the driver is enabled, the driver's output is 180 out of phase with the PWM input. When the driver is disabled (DISB# = 0 V), LDRV is held low.
High-Side Driver
The high-side driver (HDRV) is designed to drive a floating N-channel MOSFET. The bias voltage for the high-side driver is developed by a bootstrap supply circuit, consisting of the internal diode and external bootstrap capacitor (CBOOT). During start-up, VSWH is held at PGND, allowing CBOOT to charge to VDRV through the internal diode. When the PWM input goes high, HDRV will begin to charge the high-side MOSFET's gate (Q1). During this transition, charge is removed from CBOOT and delivered to Q1's gate. As Q1 turns on, VSWH rises to VIN, forcing the BOOT pin to VIN +VC(BOOT), which provides sufficient VGS enhancement for Q1. To complete the switching cycle, Q1 is turned off by pulling HDRV to VSWH. CBOOT is then recharged to VDRV when VSWH falls to PGND. HDRV output is in phase with the PWM input. When the driver is disabled, the high-side gate is held low.
FDMF6704 Rev. D
5
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
PWM Input tDTHH DrvL 90 % 1V tDTLH
Tristate
DrvLLOW
HDRV to SW
Timeout SW SW_Low tPDLL tPDHL 250 ns Hold off Time 1V
Figure 4. Adaptive Gate Drive Timing
FDMF6704 Rev. D
6
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Typical Characteristics
VIN = 12V, VCIN = 5V, TA = 25C unless otherwise noted.
35 30 25 ILOAD, A 20 15 10 5 0 0 25 50 75
o
12 10 8 PLOSS, W
VIN = 12 V VOUT = 1.3 V L = 440 nH
fSW = 1 MHz 6 4
VIN = 12 V VOUT = 1.3 V fSW = 1 MHz L = 440 nH 100 125 150
fSW = 350 kHz 2 0 0 5 10 15 ILOAD, A 20 25 30 35 PCB Temperature, C
Figure 5. Safe Operating Area
Figure 6. Module Power Loss vs. Output Current
1.40 1.30 PLOSS (NORMALIZED) 1.20 1.10 1.00 0.90
VIN = 12 V VOUT = 1.3 V IOUT = 30 A L = 440 nH
1.16 1.14 1.12 PLOSS (NORMALIZED) 1.10 1.08 1.06 1.04 1.02 1.00 0.98 VOUT = 1.3 V IOUT = 30 A L = 440 nH fSW = 350 kHz 6 8 10 12 14 16
0.80 200
300
400
500
600 fSW, kHz
700
800
900
1000
Input Voltage, V
Figure 7. Power Loss vs. Switching Frequency
Figure 8. Power Loss vs. Input Voltage
1.10 1.07 1.04 1.01 0.98 0.95 0.92 0.89 4.5 VIN = 12 V VOUT = 1.3 V IOUT = 30 A L = 440 nH fSW = 350 kHz 4.8 5.1 5.4 5.7 6.0
1.40 1.30 PLOSS (NORMALIZED) 1.20 1.10 1.00 0.90 0.80 0.8 VIN = 12 V IOUT = 30 A L = 440 nH fSW = 350 kHz
PLOSS (NORMALIZED)
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
Driver Supply Voltage, V
Output Voltage, V
Figure 9. Power Loss vs. Driver Supply Voltage
Figure 10. Power Loss vs. Output Voltage
FDMF6704 Rev. D
7
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Typical Characteristics
VIN = 12V, VCIN = 5V, TA = 25C unless otherwise noted.
1.045 1.040 Driver Supply Current, mA 1.035 PLOSS (NORMALIZED) 1.030 1.025 1.020 1.015 1.010 1.005 1.000 VIN = 12 V VOUT = 1.3 V IOUT = 30 A fSW = 350 kHz 275 330 Output Inductance, nH 385 440 45 40 35 30 25 20 15 10 5 0 200 300 400 500 600 fSW, kHz 700 800 900 1000 VCIN = 5 V
0.995 220
Figure 11. Power Loss vs. Output Inductance
Figure 12. Driver Supply Current vs. Frequency
60 fSW = 1 MHz Driver Supply Current, mA Driver Supply Current, mA 55 50 45 40 35 30 4.5 4.8 5.0 5.3 5.5 5.8 6.0 Driver Supply Voltage, V
50 49 48 47 46 45 44 43 42 41
VCIN = 5 V fSW = 1 MHz
40 -50
-25
0
25
50
o
75
100
125
150
Temperature, C
Figure 13. Driver Supply Current vs. Drive Supply Voltage
Figure 14. Driver Supply Current vs. Temperature
5.0 PWM Tri-state Threshold Voltage, V PWM Tri-state Threshold Voltage, V 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 4.5 5.0
OFF STATE TRI STATE ON STATE
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40
VCIN = 5 V
ON STATE
TRI STATE
OFF STATE
5.5
6.0
25
85 Temperature, C
o
125
150
Driver Supply Voltage, V
Figure 15. PWM Tri-state Threshold Voltage vs. Driver Supply Voltage
Figure 16. PWM Tri-state Threshold Voltage vs. Temperature
FDMF6704 Rev. D
8
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Typical Characteristics
VIN = 12V, VCIN = 5V, TA = 25C unless otherwise noted.
2.2 SMOD# Threshold Voltage, V SMOD# Threshold Voltage, V 2.0 VIH 1.8 1.6 1.4 1.2 1.0 4.5 4.8 5.0 5.3 5.5 5.8 6.0 Driver Supply Voltage, V 2.2 2.0 1.8 1.6 1.4 1.2 1.0 -50 VIH
VCIN = 5 V
VIL
VIL
-25
0
25
50
o
75
100
125
150
Temperature, C
Figure 17. SMOD# Threshold Voltage vs. Driver Supply Voltage
Figure 18. SMOD# Threshold Voltage vs. Temperature
2.2 2.0 VIH 1.8 1.6 1.4 1.2 1.0 4.5 4.8 5.0 5.3 5.5 5.8 6.0 Driver Supply Voltage, V
2.2 VCIN = 5 V 2.0 VIH 1.8 1.6 1.4 1.2 1.0 -50
DISB# Threshold Voltage, V
DISB# Threshold Voltage, V
VIL
VIL
-25
0
25
50
o
75
100
125
150
Temperature, C
Figure 19. DISB# Threshold Voltage vs. Driver Supply Voltage
Figure 20. DISB# Threshold Voltage vs. Temperature
FDMF6704 Rev. D
9
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Application Information
Supply Capacitor Selection
For the supply input (VCIN) of the FDMF6704, a local ceramic bypass capacitor is recommended to reduce the noise and to supply the peak current. Use at least a 1 F, X7R or X5R capacitor. Keep this capacitor close to the FDMF6704 VCIN and PGND pins.
VCIN Filter
The VDRV pin provides power to the gate drive of the high side and low side power FET. In most cases, it can be connected directly to VCIN, the pin that provides power to the logic section of the driver. For additional noise immunity, an RC filter can be inserted between VDRV and VCIN. Recommended values would be 10 Ohms and 1 F.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor (CBOOT), as shown in Figure 21. A bootstrap capacitance of 100nF, X7R or X5R capacitor is adequate.
Typical Application
VIN 12V V5V 5V
VDRV PWM DISB# SMOD# VIN CGND
VCIN BOOT PHASE VSWH PGND CBOOT
FDMF6704
VCC
EN
SMOD# PWM1
VDRV PWM DISB# SMOD# VIN CGND
VCIN BOOT PHASE VSWH PGND VOUT CBOOT
PWM Controller
PWM2 PWM3
FDMF6704
PWM4 CGND VDRV PWM DISB# SMOD# VIN CGND VCIN BOOT PHASE VSWH PGND CBOOT
Signal GND
Power GND
FDMF6704
VDRV PWM DISB# SMOD# VIN CGND
VCIN BOOT PHASE VSWH PGND CBOOT
FDMF6704 Figure 21. Typical Application 10
FDMF6704 Rev. D
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Module Power Loss and Efficiency Measurement and Calculation
Refer to Figure 22 for module power loss testing method. Power loss calculation are as follows: (a) PIN = (VIN x IIN) + (V5V x I5V) (W) (b) POUT = VO x IOUT (W) = PIN - POUT (W) (c) PLOSS (d) Efficiency = 100 x POUT/PIN (%)
also be wide enough for high current flow. Other signal routing path, such as PWM IN and BOOT signal, should be considered with care to avoid noise pickup from VSWH copper area. 3. Output inductor location should be as close as possible to the FDMF6704 for lower power loss due to copper trace. 4. The PowerTrench(R) 5 MOSFETs used in the output stage are very effective at minimizing ringing. In most cases, no snubber will be required. If a snubber is used, it should be placed near the FDMF6704. The resistor and capacitor need to be of proper size for power dissipation. 5. Place ceramic bypass capacitor and boot capacitor as close to VCIN and BOOT pin of FDMF6704 in order to supply stable power. Routing width and length should also be considered. 6. Ringing at the Boot pin is most effectively controlled by close placement of the capacitor. Do not add an additional Boot to PGND capacitor. This may lead to excess current flow through the Boot diode. 7. Use multiple Vias on each copper area to interconnect each top, inner and bottom layer to help smooth current flow and heat conduction. Vias should be relatively large and of reasonable inductance.
PCB Layout Guideline
Figure 23 shows a proper layout example of FDMF6704 and critical parts. All of high current flow path, such as VIN, VSWH, VOUT and GND copper, should be short and wide for better and stable current flow, heat radiation and system performance. Following is a guideline which the PCB designer should consider: 1. Input bypass capacitors should be close to VIN and PGND pin of FDMF6704 to help reduce input current ripple component induced by switching operation. 2. It is critical that the VSWH copper has minimum area for lower switching noise emission. VSWH copper trace should
V5V
A
I5V CVDRV VDRV VCIN
CVCIN CVIN VIN BOOT PHASE VSWH CGND PGND V VO CBOOT
IIN
A
VIN
DISB# PWM Input SMOD#
DISB# PWM SMOD#
IOUT COUT
A
VOUT
Figure 22. Power Loss Measurement Block Diagram
Figure 23. Typical PCB Layout Example (Top View)
FDMF6704 Rev. D
11
www.fairchildsemi.com
FDMF6704 High Frequency, High Efficiency, Ultra Compact DrMOS Module
Dimensional Outline and Pad layout
FDMF6704 Rev. D
12
www.fairchildsemi.com
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM * TM
(R)
Fairchild Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) * FPSTM
(R)
F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM
(R)
The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM
UHC Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
(R)
PDP SPMTM Power-SPMTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I36
(c) 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMF6704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X